PART |
Description |
Maker |
TLE6208-6 TLE6208-6G |
Smart Motorbridges Driver ICs - Six-fold Half-Bridge Hex-Half-Bridge / Double Six-Driver
|
INFINEON[Infineon Technologies AG]
|
TLE5208-6G TLE5208-6 |
1-A Hex-Half-Bridge / Double Six-Driver For Automotive and Industrial Motion Control Applications(1A、十六半双六-驱动器(六高边、六低边)用于汽车和工业的动作控 1 A Hex-Half-Bridge/Double Six-Driver
|
SIEMENS AG Infineon
|
HIP2101IR-T HIP2101 HIP2101EIB HIP2101EIB-T HIP210 |
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 100V/2A Peak High-Frequency Half Bridge Driver with TTL Logic Inputs; Temperature Range: -40°C to 85°C; Package: 8-EPSOIC T&R 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 20000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 2 A HALF BRDG BASED MOSFET DRIVER, QCC16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IR2184 PIR21844 IR2184PBF IR21844PBF IR21844S IR21 |
Gate drive supply range from 10 to 20V HALF-BRIDGE DRIVER HALF-BRIDGE DRIVER
|
International Rectifier
|
AM2964B/BQA AM2964B/BUA AM2964BPC AM2964BDMB AM296 |
3 Phase Driver, Inverting Input, 0.8us Deadtime in a 28-pin DIP package; A IR2132 packaged in a 28-Lead SOIC shipped on Tape and Reel 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a 28-Lead PDIP Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package; A IR2108 packaged in a 8-Lead PDIP DRAM控制 3 Phase Driver, Inverting Input, 2.5us Deadtime in a 28-pin DIP package; A IR2130 packaged in a Lead-Free 28-Lead SOIC DRAM控制 Half Bridge Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2304 packaged in a 8-Lead SOIC DRAM控制
|
NXP Semiconductors N.V.
|
IR51H224 IR51H320 IR51H420 IR51HD224 IR51HD320 IR5 |
SELF-OSCILLATING HALF BRIDGE 400V Self-Oscilliating Half-Bridge Hybrid MOSFET and Gate Driver in a 9 Lead SIP w/o #5and8 package
|
IRF[International Rectifier]
|
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|
FAN73832 FAN73832M FAN73832MX FAN73832N |
Half Bridge Gate Driver; Package: DIP; No of Pins: 8; Container: Rail Half Bridge Gate Driver; Package: SOIC; No of Pins: 8; Container: Rail Half-Bridge Gate-Drive IC
|
FAIRCHILD SEMICONDUCTOR CORP
|
IS0-2100ARH-Q |
High Frequency Half Bridge Driver; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) 1.5 A HALF BRDG BASED MOSFET DRIVER, UUC16
|
Intersil, Corp.
|
IR2111 IR2111PBF IR2111S IR2111SPBF |
Half Bridge Driver, Fixed 650ns Deadtime in a 8-pin DIP package Half Bridge Driver, Fixed 650ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
IR2085SPBF IR2085S |
HIGH SPEED, 100V, SELF OSCILLATING 50% DUTY CYCLE, HALF-BRIDGE DRIVER 高速,100V的,自振0%的占空比,半桥驱动 HIGH SPEED/ 100V/ SELF OSCILLATING 50% DUTY CYCLE/ HALF-BRIDGE DRIVER HIGH SPEED 100V SELF OSCILLATING 50% DUTY CYCLE HALF-BRIDGE DRIVER
|
International Rectifier, Corp. IRF[International Rectifier]
|
UPD16823 UPD16823GS |
3 A HALF BRIDGE BASED PRPHL DRVR, PDSO20 MONOLITHIC H BRIDGE DRIVER
|
NEC[NEC]
|